PART |
Description |
Maker |
BS108B |
230 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
DIODES INC
|
BSS129-TR1 |
150 mA, 230 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
VISHAY SILICONIX
|
SCD248110QCD |
Programmable Four-Channel Communications Controller 4 CHANNEL(S), 230.4K bps, SERIAL COMM CONTROLLER, PQFP100
|
KOA Speer Electronics,Inc.
|
AD5313 AD5323 AD5303 AD5303BRU AD5313BRU AD5323BRU |
2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 12-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 8-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 10-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V 230 uA Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs 2.5V to 5.5V, Dual Rail-to-Rail, Voltage Output 810/12-Bit DACs
|
AD[Analog Devices]
|
0194280009 SD-19428-001 |
5.84mm (.230) Pitch MX150L 5.84mm (.230") Pitch MX150L??/a> MOLEX Connector
|
Molex Electronics Ltd.
|
MCP60104 MCP604T MCP601 MCP601-E_CH MCP601-E_OT MC |
MCP601 operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 and an offset ... The MCP602 dual operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 ... MCP603 operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 and an offset ... The MCP604 quad operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230. ... 2.7V to 5.5V Single-Supply CMOS Op Amps
|
MICROCHIP[Microchip Technology]
|
FSF2510 FSF2210 FSN1410 FSN1606 IRF540 |
N Channel MOSFET; Package: TO-254; trr (nsec): 600; t(on) (nsec): 100; ID (A): 25; RDS(on) (Ohms): 0.07; PD (W): 125; BVDSS (V): 100; Rq: 1; VSD (V): 2.3 SMALL SIGNAL, FET N Channel MOSFET; Package: TO-254; trr (nsec): 300; t(on) (nsec): 23; ID (A): 22; RDS(on) (Ohms): 0.1; PD (W): 100; BVDSS (V): 100; Rq: 1.3; VSD (V): 2.5 22 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET N Channel MOSFET; Package: TO-257; trr (nsec): 250; t(on) (nsec): 14; ID (A): 14; RDS(on) (Ohms): 0.18; PD (W): 50; BVDSS (V): 100; Rq: 2; VSD (V): 2.5 14 A, 100 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET N Channel MOSFET; Package: TO-257; trr (nsec): 220; t(on) (nsec): 21; ID (A): 16; RDS(on) (Ohms): 0.07; PD (W): 50; BVDSS (V): 60; Rq: 2; VSD (V): 1.8 16 A, 60 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET 28 A, 100 V, 0.077 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Microsemi, Corp. STMicroelectronics N.V. MICROSEMI CORP
|
PSMN5R0-100PS |
N-channel 100 V 5 mΩ standard level MOSFET in TO-220 120 A, 100 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
NXP Semiconductors N.V.
|
SFF120-28Q |
9.2 AMPS 100 VOLTS 0.35S QUAD N-CHANNEL POWER MOSFET 9.2 A, 100 V, 0.35 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
Solid State Devices, Inc.
|
PPF150M |
N Channel MOSFET; Package: TO-254; ID (A): 21; RDS(on) (Ohms): 0.053; PD (W): 150; BVDSS (V): 100; Rq: 0.83; 34 A, 100 V, 0.053 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
Microsemi, Corp.
|
PPF75N10N |
N Channel MOSFET; Package: TO-258; ID (A): 50; RDS(on) (Ohms): 0.025; PD (W): 300; BVDSS (V): 100; Rq: 0.42; 50 A, 100 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-258AA
|
Microsemi, Corp.
|
FDPF20N50 FDP20N50 |
N-Channel UniFETTM MOSFET 500V, 20A, 230m N-Channel UniFETTM MOSFET 500V, 20A, 230 m
|
Fairchild Semiconductor
|
|